| Electronic Components Datasheet Search |
|
SH7727 Datasheet(PDF) 159 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7727 Datasheet(HTML) 159 Page - Renesas Technology Corp |
|
159 / 1109 page ![]() Section 2 CPU Rev. 5.00 Dec 12, 2005 page 87 of 1034 REJ09B0254-0500 Table 2.31 Correspondence between DSP Instruction Operands and Registers ALU/BPU Operations Multiply Operations Register Sx Sy Dz Du Se Sf Dg A0 Yes Yes Yes Yes A1 Yes Yes Yes Yes Yes Yes M0 Yes Yes Yes M1 Yes Yes Yes X0 Yes Yes Yes Yes Yes X1 Yes Yes Yes Y0 Yes Yes Yes Yes Yes Y1 Yes Yes Yes When writing parallel instructions, the B-field instruction is written first, followed by the A-field instruction. A sample parallel processing program is shown in figure 2.16. DCF PADD A0, M0, A0 PMULS X0, Y0, M0 MOVX.W @R4+, X0 MOVY.W @R6+, Y0 [;] PINC X1, A1 MOVX.W A0, @R5+R8 MOVY.W @R7+, Y0 [;] PCMP X1, M0 MOVX.W @R4 [NOPY] [;] Figure 2.16 Sample Parallel Instruction Program Square brackets mean that the contents can be omitted. The no operation instructions NOPX and NOPY can be omitted. Table 2.32 gives an overview of the B field in parallel operation instructions. A semicolon is the instruction line delimiter, but this can also be omitted. If the semicolon delimiter is used, the area to the right of the semicolon can be used as a comment field. This has the same function as with conventional SH tools. The DSR register condition code bit (DC) is always updated on the basis of the result of an unconditional ALU or shift operation instruction. Conditional instructions do not update the DC bit. Multiply instructions, also, do not update the DC bit. DC bit updating is performed by means of bits CS0 to CS2 in the DSR register. The DC bit update rules are shown in table 2.33. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |