Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 151Page - Renesas Technology Corp SH7727 Datasheet HTML 152Page - Renesas Technology Corp SH7727 Datasheet HTML 153Page - Renesas Technology Corp SH7727 Datasheet HTML 154Page - Renesas Technology Corp SH7727 Datasheet HTML 155Page - Renesas Technology Corp SH7727 Datasheet HTML 156Page - Renesas Technology Corp SH7727 Datasheet HTML 157Page - Renesas Technology Corp SH7727 Datasheet HTML 158Page - Renesas Technology Corp SH7727 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 1109 page
background image
Section 2 CPU
Rev. 5.00 Dec 12, 2005 page 83 of 1034
REJ09B0254-0500
Table 2.27 Double Data Transfer Instructions
Instruction
Instruction Code
Operation
Execu-
tion
States DC
NOPX
1111000*0*0*00**
X memory no access
1
—
X memory
data transfer
MOVX.W @Ax,Dx
111100A*D*0*01**
(Ax)
→ MSW of Dx,
0
→ LSW of Dx
1—
MOVX.W @Ax+,Dx
111100A*D*0*10**
(Ax)
→ MSW of Dx,
0
→ LSW of Dx,
Ax + 2
→ Ax
1—
MOVX.W @Ax+Ix,Dx
111100A*D*0*11**
(Ax)
→ MSW of Dx,
0
→ LSW of Dx,
Ax + Ix
→ Ax
1—
MOVX.W Da,@Ax
111100A*D*1*01**
MSW of Da
→ (Ax)
1
—
MOVX.W Da,@Ax+
111100A*D*1*10**
MSW of Da
→ (Ax),
Ax + 2
→ Ax
1—
MOVX.W Da,@Ax+Ix
111100A*D*1*11**
MSW of Da
→ (Ax),
Ax + Ix
→ Ax
1—
NOPY
111100*0*0*0**00
Y memory no access
1
—
Y memory
data transfer
MOVY.W @Ay,Dy
111100*A*D*0**01
(Ay)
→ MSW of Dy,
0
→ LSW of Dy
1—
MOVY.W @Ay+,Dy
111100*A*D*0**10
(Ay)
→ MSW of Dy,
0
→ LSW of Dy,
Ay + 2
→ Ay
1—
MOVY.W @Ay+Iy,Dy
111100*A*D*0**11
(Ay)
→ MSW of Dy,
0
→ LSW of Dy,
Ay + Iy
→ Ay
1—
MOVY.W Da,@Ay
111100*A*D*1**01
MSW of Da
→ (Ay)
1
—
MOVY.W Da,@Ay+
111100*A*D*1**10
MSW of Da
→ (Ay),
Ay + 2
→ Ay
1—
MOVY.W Da,@Ay+Iy
111100*A*D*1**11
MSW of Da
→ (Ay),
Ay + Iy
→ Ay
1—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com