Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 148Page - Renesas Technology Corp SH7727 Datasheet HTML 149Page - Renesas Technology Corp SH7727 Datasheet HTML 150Page - Renesas Technology Corp SH7727 Datasheet HTML 151Page - Renesas Technology Corp SH7727 Datasheet HTML 152Page - Renesas Technology Corp SH7727 Datasheet HTML 153Page - Renesas Technology Corp SH7727 Datasheet HTML 154Page - Renesas Technology Corp SH7727 Datasheet HTML 155Page - Renesas Technology Corp SH7727 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 1109 page
background image
Section 2 CPU
Rev. 5.00 Dec 12, 2005 page 80 of 1034
REJ09B0254-0500
2.6.2
Added CPU System Control Instructions
The new instructions in this class are treated as part of the CPU core functions, and therefore all
the added instructions have a 16-bit code length. All the additional instructions belong to the
system control instruction group. Table 2.26 summarizes the added system instructions. New
control registers—RS, RE, and MOD—have been added to the CPU core to support loop control
and modulo addressing functions, and LDC and STS type instructions have been provided for
these registers.
The DSP engine’s DSR, A0, X0, X1, Y0, and Y1 registers are treated as system registers such as
MACH and MACL, and therefore STS and LDS instructions are supported for these registers. As
digital signal processing operations usually employ a multi-level nested-loop structure, DSP
performance can be improved by means of a zero-overhead loop control function. SETRC type
instructions are provided to set the repeat count in the RC field in SR[27:16]. When an immediate
operand type SETRC instruction is executed, the 8-bit immediate operand data is set in SR[23:16],
and 0 is set in the remaining bits, SR[27:24]. When a register operand type SETRC instruction is
executed, Rn[11:0] is set in SR[27:16]. The start address and end address of the repeat loop are set
in the RS register and RE register. There are two ways of setting the addresses: by using an LDC
type instruction, or by using the LDRS and LDRE instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com