Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 150Page - Renesas Technology Corp SH7727 Datasheet HTML 151Page - Renesas Technology Corp SH7727 Datasheet HTML 152Page - Renesas Technology Corp SH7727 Datasheet HTML 153Page - Renesas Technology Corp SH7727 Datasheet HTML 154Page - Renesas Technology Corp SH7727 Datasheet HTML 155Page - Renesas Technology Corp SH7727 Datasheet HTML 156Page - Renesas Technology Corp SH7727 Datasheet HTML 157Page - Renesas Technology Corp SH7727 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 1109 page
background image
Section 2 CPU
Rev. 5.00 Dec 12, 2005 page 82 of 1034
REJ09B0254-0500
Instruction
Instruction Code
Operation
Execu-
tion
States
T Bit
LDC.L
@Rn+,RE
0100nnnn01110111
(Rn)
→ RE, Rn + 4 → Rn
5
—
LDS
Rn,DSR
0100nnnn01101010
Rn
→ DSR
1
—
LDS
Rn,A0
0100nnnn01111010
Rn
→ A0
1
—
LDS
Rn,X0
0100nnnn10001010
Rn
→ X0
1
—
LDS
Rn,X1
0100nnnn10011010
Rn
→ X1
1
—
LDS
Rn,Y0
0100nnnn10101010
Rn
→ Y0
1
—
LDS
Rn,Y1
0100nnnn10111010
Rn
→ Y1
1
—
LDC
Rn,MOD
0100nnnn01011110
Rn
→ MOD
3
—
LDC
Rn,RS
0100nnnn01101110
Rn
→ RS
3
—
LDC
Rn,RE
0100nnnn01111110
Rn
→ RE
3
—
2.6.3
Single and Double Data Transfer for DSP Data Instructions
The new instructions in this class are provided to reduce the program code size for DSP
operations. All the new instructions in this class have a 16-bit code length. Instructions in this
class are divided into two groups: single data transfer instructions and double data transfer
instructions. The operand flexibility of the double data transfer instructions is the same as with the
A field in parallel instruction class data transfer instructions described in section 2.6.4, DSP
Operation Instruction Set. However, conditional load instructions cannot be used with these 16-bit
instructions. In single transfer, the Ax pointer and two other pointers are used as the As pointer,
but the Ay pointer is not used. Tables 2.27 and 2.28 list the single and double data transfer
instructions.
With double data transfer group instructions, X memory and Y memory can be accessed in
parallel. The Ax pointer can only be used by X memory access instructions, and the Ay pointer
only by Y memory access instructions. Double data transfer instructions can only access the on-
chip X and Y memory areas. Single data transfer instructions use a 16-bit instruction code, and can
access any memory address space.
Rn (n = 2 to 7) registers are normally used as the Ax, Ay, and As pointers. The pointer names
themselves can be changed with the assembler rename function. The following renaming scheme
is recommended.
R2:As2, R3:As3, R4:Ax0 (As0), R5:Ax1 (As1), R6:Ay0, R7:Ay1, R8:Ix, R9:Iy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com