Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 153Page - Renesas Technology Corp SH7727 Datasheet HTML 154Page - Renesas Technology Corp SH7727 Datasheet HTML 155Page - Renesas Technology Corp SH7727 Datasheet HTML 156Page - Renesas Technology Corp SH7727 Datasheet HTML 157Page - Renesas Technology Corp SH7727 Datasheet HTML 158Page - Renesas Technology Corp SH7727 Datasheet HTML 159Page - Renesas Technology Corp SH7727 Datasheet HTML 160Page - Renesas Technology Corp SH7727 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 1109 page
background image
Section 2 CPU
Rev. 5.00 Dec 12, 2005 page 85 of 1034
REJ09B0254-0500
The correspondence between DSP data transfer operands and registers is shown in table 2.29.
CPU core registers are used as a pointer address that indicates a memory address.
Table 2.29 Correspondence between DSP Data Transfer Operands and Registers
Register
Ax
Ix
Dx
Ay
Iy
Dy
Da
As
Ds
R0
CPU
register
R1
R2 (As2)
Yes
R3 (As3)
Yes
R4 (Ax0)
Yes
Yes
R5 (Ax1)
Yes
Yes
R6 (Ay0)
Yes
R7 (Ay1)
Yes
R8 (Ix)
Yes
R9 (Iy)
Yes
A0
Yes
Yes
DSP
register
A1
Yes
Yes
M0
Yes
M1
Yes
X0
Yes
Yes
X1
Yes
Yes
Y0
Yes
Yes
Y1
Yes
Yes
A0G
Yes
A1G
Yes
2.6.4
DSP Operation Instruction Set
DSP operation instructions are instructions for digital signal processing performed by the DSP
unit. These instructions have a 32-bit instruction code, and multiple instructions can be executed
in parallel. The instruction code is divided into an A field and B field; a parallel data transfer
instruction is specified in the A field, and a single or double data operation instruction in the B
field. Instructions can be specified independently, and are also executed independently. The
parallel data transfer instruction specified in the A field is exactly the same as a double data
transfer instruction. The function of the A field—that is, the data transfer instruction field—is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com