Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 162Page - Renesas Technology Corp SH7727 Datasheet HTML 163Page - Renesas Technology Corp SH7727 Datasheet HTML 164Page - Renesas Technology Corp SH7727 Datasheet HTML 165Page - Renesas Technology Corp SH7727 Datasheet HTML 166Page - Renesas Technology Corp SH7727 Datasheet HTML 167Page - Renesas Technology Corp SH7727 Datasheet HTML 168Page - Renesas Technology Corp SH7727 Datasheet HTML 169Page - Renesas Technology Corp SH7727 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 1109 page
background image
Section 2 CPU
Rev. 5.00 Dec 12, 2005 page 94 of 1034
REJ09B0254-0500
Table 2.33 DC Bit Update Definitions
CS [2:0]
Condition Mode
Description
000Carry or borrow
mode
The DC bit is set if an ALU arithmetic operation generates a carry
or borrow, and is cleared otherwise.
When a PSHA or PSHL shift instruction is executed, the last bit
data shifted out is copied into the DC bit.
When an ALU logical operation is executed, the DC bit is always
cleared.
001Negative value
mode
When an ALU or shift (PSHA) arithmetic operation is executed,
the MSB of the result, including the guard bits, is copied into the
DC bit.
When an ALU or shift (PSHL) logical operation is executed, the
MSB of the result, excluding the guard bits, is copied into the DC
bit.
010Zero value mode
The DC bit is set if the result of an ALU or shift operation is all-
zeros, and is cleared otherwise.
011Overflow mode
The DC bit is set if the result of an ALU or shift (PSHA) arithmetic
operation exceeds the destination register range, excluding the
guard bits, and is cleared otherwise.
When an ALU or shift (PSHL) logical operation is executed, the
DC bit is always cleared.
100Signed greater-than
mode
This mode is similar to signed greater-or-equal mode, but DC is
cleared if the result is all-zeros.
DC = ~{(negative value ^ over-range) | zero value};
In case of arithmetic operation
DC = 0; In case of logical operation
101Signed greater-or-
equal mode
If the result of an ALU or shift (PSHA) arithmetic operation
exceeds the destination register range, including the guard bits
(“over-range”), the definition is the same as in negative value
mode. If the result is not over-range, the definition is the opposite
of that in negative value mode.
When an ALU or shift (PSHL) logical operation is executed, the
DC bit is always cleared.
DC = ~(negative value ^ over-range);
In case of arithmetic operation
DC = 0; In case of logical operation
110Reserved
111Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com