Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 174Page - Renesas Technology Corp SH7727 Datasheet HTML 175Page - Renesas Technology Corp SH7727 Datasheet HTML 176Page - Renesas Technology Corp SH7727 Datasheet HTML 177Page - Renesas Technology Corp SH7727 Datasheet HTML 178Page - Renesas Technology Corp SH7727 Datasheet HTML 179Page - Renesas Technology Corp SH7727 Datasheet HTML 180Page - Renesas Technology Corp SH7727 Datasheet HTML 181Page - Renesas Technology Corp SH7727 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 1109 page
background image
Section 3 Memory Management Unit (MMU)
Rev. 5.00 Dec 12, 2005 page 106 of 1034
REJ09B0254-0500
31
9
VPN
Virtual address (1-kbyte page)
Virtual address (4-kbyte page)
TLB entry
Offset
VPN
VPN (31
−17) VPN (11−10) ASID SH SZ V
PR
PPN
C D
Offset
0
10
31
11
0
(15)
(2)
(2)
(22)
(8)
(1)
(1)
(1)
(1) (1)
12
VPN: Virtual page number. Top 22 bits of virtual address for a 1-kbyte page, or top 20 bits of
virtual address for a 4-kbyte page. Since VPN bits 16 to 12 are used as the index number,
they are not stored in the TLB entry.
ASID: Address space identifier. Indicates the process that can access a virtual page. In single
virtual memory mode and user mode, or in multiple virtual memory mode, if the SH bit is 0,
the address is compared with the ASID in PTEH when address comparison is performed.
SH: Share status bit
0 = Page not shared between processes
1 = Page shared between processes
SZ: Page-size bit
0 = 1-kbyte page
1 = 4-kbyte page
V: Valid bit. Indicates whether entry is valid.
0 = Invalid
1 = Valid
Cleared to 0 by a power-on reset. Not affected by a manual reset.
PPN: Physical page number. Top 22 bits of physical address. PPN bits 11 and 10 are not used in
case of a 4-kbyte page. Attention must be paid to the synonym problem in case of a 1-kbyte
page (see section 3.4.4, Avoiding Synonym Problems).
PR: Set the most significant bit to 0.
Protection key field. 2-bit field encoded to define the access rights to the page.
00: Reading only is possible in privileged mode.
01: Reading/writing is possible in privileged mode.
10: Reading only is possible in privileged/user mode.
11: Reading/writing is possible in privileged/user mode.
C: Cacheable bit. Indicates whether the page is cacheable.
0 = Non-cacheable
1 = Cacheable
D: Dirty bit. Indicates whether the page has been written to.
0 = Not written to
1 = Written to
Legend:
Figure 3.5 Logical Address and TLB Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com