Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 172Page - Renesas Technology Corp SH7727 Datasheet HTML 173Page - Renesas Technology Corp SH7727 Datasheet HTML 174Page - Renesas Technology Corp SH7727 Datasheet HTML 175Page - Renesas Technology Corp SH7727 Datasheet HTML 176Page - Renesas Technology Corp SH7727 Datasheet HTML 177Page - Renesas Technology Corp SH7727 Datasheet HTML 178Page - Renesas Technology Corp SH7727 Datasheet HTML 179Page - Renesas Technology Corp SH7727 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 1109 page
background image
Section 3 Memory Management Unit (MMU)
Rev. 5.00 Dec 12, 2005 page 104 of 1034
REJ09B0254-0500
4. The TLB exception address register (TEA) residing at address H'FFFFFFFC, which stores the
logical address corresponding to a TLB or address error exception. This value remains valid
until the next exception or interrupt.
5. The MMU control register (MMUCR) residing at address H'FFFFFFE0, which makes the
MMU settings described in figure 3.3. Any program that modifies MMUCR should reside in
the P1 or P2 area.
The MMU registers are shown in figure 3.3.
31
7
VPN
PTEH
PTEL
ASID
0
PPN
0
10
31
6
4 3 2 1 0
10
31
TTB
TTB
0
31
Virtual address causing TLB-related
or address error exception
TEA
0
PR SZ C D
8
9
7
V
00
SH 0
MMUCR
0
31
8
4
65
73 2 1
0
SV
RC
00
0 TF IX AT
0: Reserved bits. Always read as 0. Writing is ignored. However, 0 should also be
specified in a write to MMUCR only.
SV: Single virtual memory mode bit. Set to 1 for the single virtual memory mode,
cleared to 0 for the multiple virtual memory mode.
RC: A 2-bit random counter, automatically updated by hardware according to the
following rules in the event of an MMU exception. When a TLB miss exception
occurs, all TLB entry ways corresponding to the virtual address at which the
exception occurred are checked, and if all ways are valid, 1 is added to RC; if
there is one or more invalid way, they are set by priority from way 0, in the order:
way 0, way 1, way 2, way 3. In the event of an MMU exception other than a TLB
miss exception, the way which caused the exception is set in RC.
TF: TLB flush bit. Write 1 to flush the TLB (clear all valid bits of the TLB to 0). Always
reads 0.
IX: Index mode bit. When 0, VPN bits 16 to 12 are used as the TLB index number.
When 1, the value obtained by EX-ORing ASID bits 4 to 0 in PTEH and VPN bits
16 to 12 are used as the TLB index number.
AT: Address translation bit. Enables/disables the MMU.
0: MMU disabled
1: MMU enabled
Figure 3.3 MMU Register Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com