Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 130Page - Renesas Technology Corp HD6433713 Datasheet HTML 131Page - Renesas Technology Corp HD6433713 Datasheet HTML 132Page - Renesas Technology Corp HD6433713 Datasheet HTML 133Page - Renesas Technology Corp HD6433713 Datasheet HTML 134Page - Renesas Technology Corp HD6433713 Datasheet HTML 135Page - Renesas Technology Corp HD6433713 Datasheet HTML 136Page - Renesas Technology Corp HD6433713 Datasheet HTML 137Page - Renesas Technology Corp HD6433713 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 324 page
background image
7.5.3 Pin Functions
Table 7-15 shows the port 5 pin functions.
Table 7-15 Port 5 Pin Functions
Pin
Pin Functions and Selection Method
P57/FS8 to
After designation of the segment pins to be used in bits SR4 to SR0 of the VFD
P50/FS15
segment control register (VFSR), bit VFDE in the digit beginning register (DBR)
is set to 1 and VFD controller/driver operation is started. During key scan
intervals, pins designated for segment output can be used by the CPU as
general-purpose ports. Even while the VFD controller/driver is operating, it is
possible to switch segment pins to general-purpose ports by writing 0 in the
VFLAG bit of VFSR.
VFLAG
0
1
Pin function
Pins P57 to P50 are all
Pins designated by bits
general-purpose I/O pins.
SR4 to SR0 are segment
output pins.* Other pins
are for general I/O.
Note: * When a pin functioning as a segment output pin is read, the value of
the corresponding bit in PDR5 is read.
7.5.4 Pin States
Table 7-16 shows the port 5 pin states in each operating mode.
Table 7-16 Port 5 Pin States
Pins
Reset
Sleep
Standby
Watch
Subactive
Active
P57/FS8 to
High
Previous
High
High
High
Normal
P50/FS15
impedance or state
impedance or impedance or impedance or operation
pulled down
retained
pulled down
pulled down
pulled down
123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com