Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 131Page - Renesas Technology Corp HD6433713 Datasheet HTML 132Page - Renesas Technology Corp HD6433713 Datasheet HTML 133Page - Renesas Technology Corp HD6433713 Datasheet HTML 134Page - Renesas Technology Corp HD6433713 Datasheet HTML 135Page - Renesas Technology Corp HD6433713 Datasheet HTML 136Page - Renesas Technology Corp HD6433713 Datasheet HTML 137Page - Renesas Technology Corp HD6433713 Datasheet HTML 138Page - Renesas Technology Corp HD6433713 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 324 page
background image
7.6 Port 6
7.6.1 Overview
Port 6 is an 8-bit high-voltage I/O port. Figure 7-7 shows the pin configuration.
Figure 7-7 Port 6 Pin Configuration
7.6.2 Register Configuration and Description
Table 7-17 shows the port 6 register configuration.
Table 7-17 Port 6 Registers
Name
Abbrev.
R/W
Initial Value
Address
Port data register 6
PDR6
R/W
H'00
H'FFD6
1.
Port data register 6 (PDR6)
PDR6 is an 8-bit register for storing the data of port 6 pins P67 to P60.
Upon reset, PDR6 is initialized to H'00.
P6 /FD /FS
P6 /FD /FS
P6 /FD /FS
P6 /FD /FS
P6 /FD /FS
P6 /FD /FS
P6 /FD /FS
P6 /FD /FS
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Port 6
0
1
2
3
4
5
6
7
(IO/output/output)
(IO/output/output)
(IO/output/output)
(IO/output/output)
(IO/output/output)
(IO/output/output)
(IO/output/output)
(IO/output/output)
Note: IO indicates input/output.
Bit
Initial value
Read/Write
7
PDR6
0
R/W
6
PDR6
0
R/W
5
PDR6
0
R/W
4
PDR6
0
R/W
3
PDR6
0
R/W
0
PDR6
0
R/W
2
PDR6
0
R/W
1
PDR6
0
R/W
32
10
4
5
6
7
124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com