Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 134Page - Renesas Technology Corp HD6433713 Datasheet HTML 135Page - Renesas Technology Corp HD6433713 Datasheet HTML 136Page - Renesas Technology Corp HD6433713 Datasheet HTML 137Page - Renesas Technology Corp HD6433713 Datasheet HTML 138Page - Renesas Technology Corp HD6433713 Datasheet HTML 139Page - Renesas Technology Corp HD6433713 Datasheet HTML 140Page - Renesas Technology Corp HD6433713 Datasheet HTML 141Page - Renesas Technology Corp HD6433713 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 324 page
background image
7.7.3 Pin Functions
Table 7-21 shows the port 7 pin functions.
Table 7-21 Port 7 Pin Functions
Pin
Pin Functions and Selection Method
P77/FD15 to
After designation of the digit pins to be used, in bits DR3 to DR0 of the VFD
P70/FD8
digit control register (VFDR), bit VFDE in the digit beginning register (DBR) is
set to 1 and VFD controller/driver operation is started. Even while the VFD
controller/driver is operating, it is possible to switch digit pins to general-
purpose ports by writing 0 in the VFLAG bit of VFSR.
VFLAG
0
1
Pin function
Pins P77 to P70 are all
Pins designated by bits
general-purpose I/O pins.
DR3 to DR0 are digit output
pins.* Other pins are for
general I/O.
Note: * When a pin functioning as a digit output pin is read, the value of the
corresponding bit in PDR7 is read.
7.7.4 Pin States
Table 7-22 shows the port 7 pin states in each operating mode.
Table 7-22 Port 7 Pin States
Pins
Reset
Sleep
Standby
Watch
Subactive
Active
P77/FD15 to
High
Previous
High
High
High
Normal
P70/FD8
impedance or state
impedance or impedance or impedance or operation
pulled down
retained
pulled down
pulled down
pulled down
127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com