Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 136Page - Renesas Technology Corp HD6433713 Datasheet HTML 137Page - Renesas Technology Corp HD6433713 Datasheet HTML 138Page - Renesas Technology Corp HD6433713 Datasheet HTML 139Page - Renesas Technology Corp HD6433713 Datasheet HTML 140Page - Renesas Technology Corp HD6433713 Datasheet HTML 141Page - Renesas Technology Corp HD6433713 Datasheet HTML 142Page - Renesas Technology Corp HD6433713 Datasheet HTML 143Page - Renesas Technology Corp HD6433713 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 324 page
background image
Bit 7: P97/UD pin function switch (UP/DOWN)
This bit selects whether pin P97/UD is used for general-purpose I/O or for timer C up/down
control input. Up/down control input (UD) is valid only when bit TMC6 = 1 in timer mode
register C (TMC).
Bit 7
UP/DOWN
Description
0P97/UD pin functions for P97 input/output.
(initial value)
1P97/UD pin functions for UD input. If bit TMC6 in TMC is set to 1, then when the UD
input is high, timer C counts down, and when UD is low, timer C counts up.
Bit 6: P96/SO2 pin function switch (SO2)
This bit selects whether pin P96/SO2 functions as the P96 I/O pin or the SO2 output pin.
Bit 6
SO2
Description
0P96/SO2 pin functions for P96 input/output.
(initial value)
1P96/SO2 pin functions for SO2 output.
Bit 5: P95/SI2/CS pin function switch (SI2)
This bit selects whether pin P95/SI2/CS functions as the P95 I/O pin or the SI2 input/CS output
pin. For the switching between SI2 input and CS output see 11.2.5, Port Mode Register 3
(PMR3).
Bit 5
SI2
Description
0P95/SI2/CS pin functions for P95 input/output.
(initial value)
1P95/SI2/CS pin functions for SI2 input or CS output.
Bit 4: P94/SCK2 pin function switch (SCK2)
This bit selects whether pin P94/SCK2 functions as the P94 I/O pin or the SCK2 I/O pin.
Bit 4
SCK2
Description
0P94/SCK2 pin functions for P94 input/output.
(initial value)
1P94/SCK2 pin functions for SCK2 input/output. The clock input/output direction and
the divider ratio are set in serial mode register 2 (SMR2).
129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com