Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 140Page - Renesas Technology Corp HD6433713 Datasheet HTML 141Page - Renesas Technology Corp HD6433713 Datasheet HTML 142Page - Renesas Technology Corp HD6433713 Datasheet HTML 143Page - Renesas Technology Corp HD6433713 Datasheet HTML 144Page - Renesas Technology Corp HD6433713 Datasheet HTML 145Page - Renesas Technology Corp HD6433713 Datasheet HTML 146Page - Renesas Technology Corp HD6433713 Datasheet HTML 147Page - Renesas Technology Corp HD6433713 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 324 page
background image
Table 7-24 Port 9 Pin Functions (cont)
Pin
Pin Functions and Selection Method
P94/SCK2
Functions are switched as follows by means of bit SCK2* in PMR2, bits PS1
and PS0* in serial control register 2 (SCR2), and bit PCR94 in PCR9.
SCK2
0
1
PS1, 0
—
Not 11
11
PCR94
01
—
—
Pin function
P94 input pin P94 output pin SCK2 output pin SCK2 input pin
Note: * Before entering power-down mode, if this pin is set to SCK2 input by
bit SCK2 in PMR2 and bits PS1 and PS0 in SCR2, it should be kept
from floating by external connection, or else should be set to some
other use by changing bits SCK2 and bits PS1 and PS0 prior to the
state transition.
For the settings of bits PS1 and PS0 in SCR2, see 11.2.3, Serial Control
Register 2 (SCR2).
P93/SO1*
Functions are switched as follows by means of bit SO1 in PMR2 and bit PCR93
in PCR9.
SO1
0
1
PCR93
01
—
Pin function
P93 input pin P93 output pin
SO1 output pin
Note: * The PMOS buffer transistor of pin P93/SO1 can be enabled or
disabled by the SO1PMOS bit in PMR3. For details see 10.2.6, Port
Mode Register 3 (PMR3).
P92/SI1
Functions are switched as follows by means of bit SI1* in PMR2 and bit PCR92
in PCR9.
SI1
0
1
PCR92
01
—
Pin function
P92 input pin P92 output pin
SI1 input pin
Note: * Before entering power-down mode, if this pin is set to SI1 input by bit
SI1 in PMR2, it should be kept from floating by external connection or
should be set to general I/O use by clearing bit SI1 to 0 prior to the
state transition.
133



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com