Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 141Page - Renesas Technology Corp HD6433713 Datasheet HTML 142Page - Renesas Technology Corp HD6433713 Datasheet HTML 143Page - Renesas Technology Corp HD6433713 Datasheet HTML 144Page - Renesas Technology Corp HD6433713 Datasheet HTML 145Page - Renesas Technology Corp HD6433713 Datasheet HTML 146Page - Renesas Technology Corp HD6433713 Datasheet HTML 147Page - Renesas Technology Corp HD6433713 Datasheet HTML 148Page - Renesas Technology Corp HD6433713 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 324 page
background image
Table 7-24 Port 9 Pin Functions (cont)
Pin
Pin Functions and Selection Method
P91/SCK1
Functions are switched as follows by means of bit SCK1 in PMR2,* bits
SMR13 to SMR10 in serial mode register 1 (SMR1)*, and bit PCR91 in PCR9.
SCK1
0
1
SMR13 to 10
—
Not 1111
1111
PCR91
01
—
—
Pin function
P91 input pin P91 output pin SCK1 output pin SCK1 input pin
Note: * Before entering power-down mode, if this pin is set to SCK1 input by
bit SCK1 in PMR2 and bits SMR13 to SMR10 in SMR1, it should be
kept from floating by external connection, or else should be set to
some other use by changing the SCK1 bit or bits SMR13 to SMR10
prior to the state transition.
For the settings of bits SMR13 to SMR10 in SMR1, see 10.2.1, Serial Mode
Register 1 (SMR1).
P90/PWM
Functions are switched as follows by means of bit PWM in PMR2 and bit
PCR90 in PCR9.
PWM
0
1
PCR90
01
—
Pin function
P90 input pin P90 output pin
PWM output pin
7.8.4 Pin States
Table 7-25 shows the port 9 pin states in each operating mode.
Table 7-25 Port 9 Pin States
Pins
Reset
Sleep
Standby
Watch
Subactive
Active
P97/UD,
High
Previous
High
High
High
Normal
P96/SO2,
impedance or state
impedance
impedance
impedance
operation
P95/SI2/CS,
pulled up
retained
P94/SCK2,
P93/SO1,
P92/SI1,
P91/SCK1,
P90/PWM
134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com