Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 139Page - Renesas Technology Corp HD6433713 Datasheet HTML 140Page - Renesas Technology Corp HD6433713 Datasheet HTML 141Page - Renesas Technology Corp HD6433713 Datasheet HTML 142Page - Renesas Technology Corp HD6433713 Datasheet HTML 143Page - Renesas Technology Corp HD6433713 Datasheet HTML 144Page - Renesas Technology Corp HD6433713 Datasheet HTML 145Page - Renesas Technology Corp HD6433713 Datasheet HTML 146Page - Renesas Technology Corp HD6433713 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 324 page
background image
7.8.3 Pin Functions
Table 7-24 shows the port 9 pin functions.
Table 7-24 Port 9 Pin Functions
Pin
Pin Functions and Selection Method
P97/UD
Functions are switched as follows by means of the UP/DOWN bit* in PMR2
and bit PCR97 in PCR9.
UP/DOWN
0
1
PCR97
01
—
Pin function
P97 input pin P97 output pin
UD input pin
Note: * Before entering power-down mode, if this pin is set to UD input by the
UP/DOWN bit in PMR2, it should be kept from floating by external
connection or should be set to general I/O use by clearing the
UP/DOWN bit to 0 prior to the state transition.
P96/SO2*
Functions are switched as follows by means of bit SO2 in PMR2 and bit PCR96
in PCR9.
SO2
0
1
PCR96
01
—
Pin function
P96 input pin P96 output pin
SO2 output pin
Note: * The PMOS buffer transistor of pin P96/SO2 can be enabled or
disabled by the SO2PMOS bit in PMR3. For details see 11.2.5, Port
Mode Register 3 (PMR3).
P95/SI2/
Functions are switched as follows by means of bit SI2 in PMR2,* bit CS in
CS
PMR3, and bit PCR95 in PCR9.
SI2
0
1
CS
—
0
1
PCR95
01
—
—
Pin function
P95 input pin P95 output pin SI2 input pin CS output pin
Note: * Before entering power-down mode, if this pin is set to SI2 input by bit
SI2 in PMR2, it should be kept from floating by external connection or
should be set to general I/O use by clearing bit SI2 to 0 prior to the
state transition.
132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com