Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 138Page - Renesas Technology Corp HD6433713 Datasheet HTML 139Page - Renesas Technology Corp HD6433713 Datasheet HTML 140Page - Renesas Technology Corp HD6433713 Datasheet HTML 141Page - Renesas Technology Corp HD6433713 Datasheet HTML 142Page - Renesas Technology Corp HD6433713 Datasheet HTML 143Page - Renesas Technology Corp HD6433713 Datasheet HTML 144Page - Renesas Technology Corp HD6433713 Datasheet HTML 145Page - Renesas Technology Corp HD6433713 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 324 page
background image
2.
Port control register 9 (PCR9)
PCR9 is an 8-bit register for controlling whether each of port 9 pins P97 to P90 functions as an
input or output pin. Setting a PCR9 bit to 1 makes the corresponding pin an output pin, while
clearing the bit to 0 makes the pin an input pin. The settings in PCR9 and PDR9 are valid when
the affected pin is designated in PMR2 as a general-purpose I/O pin. PCR9 is a write-only
register, which always reads as all 1.
Upon reset, PCR9 is initialized to H'00.
3.
Port data register 9 (PDR9)
PDR9 is an 8-bit register that stores data for port 9 pins P97 to P90. If port 9 is read while PCR9
bits are set to 1, the values stored in PDR9 are read, regardless of the actual pin states. If port 9 is
read while PCR9 bits are cleared to 0, the pin states are read.
Upon reset, PDR9 is initialized to H'00.
Bit
Initial value
Read/Write
7
PCR9
0
W
6
PCR9
0
W
5
PCR9
0
W
4
PCR9
0
W
3
PCR9
0
W
0
PCR9
0
W
2
PCR9
0
W
1
PCR9
0
W
54
3
2
1
0
6
7
Bit
Initial value
Read/Write
7
PDR9
0
R/W
6
PDR9
0
R/W
5
PDR9
0
R/W
4
PDR9
0
R/W
3
PDR9
0
R/W
0
PDR9
0
R/W
2
PDR9
0
R/W
1
PDR9
0
R/W
32
10
4
5
6
7
131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com