Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 135Page - Renesas Technology Corp HD6433713 Datasheet HTML 136Page - Renesas Technology Corp HD6433713 Datasheet HTML 137Page - Renesas Technology Corp HD6433713 Datasheet HTML 138Page - Renesas Technology Corp HD6433713 Datasheet HTML 139Page - Renesas Technology Corp HD6433713 Datasheet HTML 140Page - Renesas Technology Corp HD6433713 Datasheet HTML 141Page - Renesas Technology Corp HD6433713 Datasheet HTML 142Page - Renesas Technology Corp HD6433713 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 324 page
background image
7.8 Port 9
7.8.1 Overview
Port 9 is an 8-bit standard I/O port. Figure 7-9 shows the pin configuration.
Figure 7-9 Port 9 Pin Configuration
7.8.2 Register Configuration and Description
Table 7-23 shows the port 9 register configuration.
Table 7-23 Port 9 Registers
Name
Abbrev.
R/W
Initial Value
Address
Port mode register 2
PMR2
R/W
H'00
H'FFEC
Port control register 9
PCR9
W
H'00
H'FFE9
Port data register 9
PDR9
R/W
H'00
H'FFD9
1.
Port mode register 2 (PMR2)
PMR2 is an 8-bit read/write register, controlling the selection of port 9 pin functions.
Upon reset, PMR2 is initialized to H'00.
P9 /UD
P9 /SO
P9 /SI /CS
P9 /SCK
P9 /SO
P9 /SI
P9 /SCK
P9 /PWM
7
6
5
4
3
2
1
0
Port 9
2
2
2
1
1
1
(IO/input)
(IO/output)
(IO/input/output)
(IO/IO)
(IO/output)
(IO/input)
(IO/IO)
(IO/output)
Note: IO indicates input/output.
Bit
Initial value
Read/Write
7
0
R/W
6
SO2
0
R/W
5
SI2
0
R/W
4
SCK2
0
R/W
3
SO1
0
R/W
0
PWM
0
R/W
2
SI1
0
R/W
1
SCK1
0
R/W
UP/
DOWN
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com