Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 132Page - Renesas Technology Corp HD6433713 Datasheet HTML 133Page - Renesas Technology Corp HD6433713 Datasheet HTML 134Page - Renesas Technology Corp HD6433713 Datasheet HTML 135Page - Renesas Technology Corp HD6433713 Datasheet HTML 136Page - Renesas Technology Corp HD6433713 Datasheet HTML 137Page - Renesas Technology Corp HD6433713 Datasheet HTML 138Page - Renesas Technology Corp HD6433713 Datasheet HTML 139Page - Renesas Technology Corp HD6433713 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 324 page
background image
7.6.3 Pin Functions
Table 7-18 shows the port 6 pin functions.
Table 7-18 Port 6 Pin Functions
Pin
Pin Functions and Selection Method
P67/FD7/FS0 to
After designation of the digit pins and segment pins to be used in bits DR3 to
P60/FD0/FS7
DR0 of the VFD digit control register (VFDR), bits SR4 to SR0 of the VFD
segment control register (VFSR), and bits DBR3 to DBR0 of the digit beginning
register (DBR), bit VFDE in DBR is set to 1 and VFD controller/driver operation
is started. During key scan intervals, pins designated for digit or segment
output can be used by the CPU as general-purpose ports. Even while the VFD
controller/driver is operating, it is possible to switch digit pins or segment pins
to general-purpose ports by writing 0 in the VFLAG bit of VFSR.
VFLAG
0
1
Pin function
Pins P67 to P60 are all
Pins are designated as digit
general-purpose I/O pins.
output pins,* segment
output pins,* or general
I/O pins by bits DR3 to DR0,
SR4 to SR0, and DBR3 to
DBR0.
Note: * When a pin functioning as a digit output pin or segment output pin is
read, the value of the corresponding bit in PDR6 is read.
7.6.4 Pin States
Table 7-19 shows the port 6 pin states in each operating mode.
Table 7-19 Port 6 Pin States
Pins
Reset
Sleep
Standby
Watch
Subactive
Active
P67/FD7/
High
Previous
High
High
High
Normal
FS0 to
impedance or state
impedance or impedance or impedance or operation
P60/FD0/
pulled down
retained
pulled down
pulled down
pulled down
FS7
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com