Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 143Page - Renesas Technology Corp HD6433713 Datasheet HTML 144Page - Renesas Technology Corp HD6433713 Datasheet HTML 145Page - Renesas Technology Corp HD6433713 Datasheet HTML 146Page - Renesas Technology Corp HD6433713 Datasheet HTML 147Page - Renesas Technology Corp HD6433713 Datasheet HTML 148Page - Renesas Technology Corp HD6433713 Datasheet HTML 149Page - Renesas Technology Corp HD6433713 Datasheet HTML 150Page - Renesas Technology Corp HD6433713 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 324 page
background image
8.1.1 Prescaler Operation
1.
Prescaler S (PSS)
Prescaler S is a 13-bit counter using the system clock (
φ = f
OSC/2) as its input clock. Each
input clock cycle causes prescaler S to increment once.
Prescaler S is initialized to H'0000 by a reset, and starts counting upon return to active mode.
In standby mode, watch mode, and subactive mode, the system clock (
φ) pulse generator
stops, so prescaler S also stops functioning. Its value is reset to H'0000.
The CPU cannot read or write prescaler S data.
The output from prescaler S is shared by timers A to C and E as well as serial communication
interfaces 1 and 2. The frequency division ratio can be set separately for each on-chip
peripheral function.
2.
Prescaler W (PSW)
Prescaler W is a 5-bit counter using the subclock (
φ
SUB = fX/8) as its input clock.
Prescaler W is initialized to H'00 by a reset, and starts counting upon return to active mode.
Even in standby mode, watch mode, or subactive mode, prescaler W continues functioning so
long as clock signals are supplied to pins X1 and X2.
Prescaler W can be reset by setting bits TMA3 and TMA2 to 1 in timer mode register A
(TMA).
The output from prescaler W can be used as the clock source for timer A, in which case timer
A functions as a time base.
Figure 8-1 shows the clock signals supplied by prescalers S and W to peripheral modules.
136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com