Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 147Page - Renesas Technology Corp HD6433713 Datasheet HTML 148Page - Renesas Technology Corp HD6433713 Datasheet HTML 149Page - Renesas Technology Corp HD6433713 Datasheet HTML 150Page - Renesas Technology Corp HD6433713 Datasheet HTML 151Page - Renesas Technology Corp HD6433713 Datasheet HTML 152Page - Renesas Technology Corp HD6433713 Datasheet HTML 153Page - Renesas Technology Corp HD6433713 Datasheet HTML 154Page - Renesas Technology Corp HD6433713 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 324 page
background image
Bits 2 to 0: Clock select (TMA2 to TMA0)
Bits 2 to 0 select the clock input to TCA. The selection is made as follows by the combination of
these bits and bit TMA3.
Bit 3
Bit 2
Bit 1
Bit 0
TMA3
TMA2
TMA1
TMA0
Description
Prescaler divider ratio (interval timer)
Operation mode
or overflow period (time base)
0000
PSS,
φ/8192 (initial value)
1
PSS,
φ/4096
1
0
PSS,
φ/2048
1
PSS,
φ/512
1
0
0
PSS,
φ/256
1
PSS,
φ/128
1
0
PSS,
φ/32
1
PSS,
φ8
1000
PSW, 2 s
1
PSW, 1 s
1
0
PSW, 0.5 s
1
PSW, 125 ms
1
0
0
PSW and TCA are reset
1
10
1
Note:
φ = f
OSC/2
Interval timer mode
Time-base mode
140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com