Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 146Page - Renesas Technology Corp HD6433713 Datasheet HTML 147Page - Renesas Technology Corp HD6433713 Datasheet HTML 148Page - Renesas Technology Corp HD6433713 Datasheet HTML 149Page - Renesas Technology Corp HD6433713 Datasheet HTML 150Page - Renesas Technology Corp HD6433713 Datasheet HTML 151Page - Renesas Technology Corp HD6433713 Datasheet HTML 152Page - Renesas Technology Corp HD6433713 Datasheet HTML 153Page - Renesas Technology Corp HD6433713 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 324 page
background image
3.
Register configuration
Table 8-2 shows the register configuration of timer A.
Table 8-2 Timer A Registers
Name
Abbrev.
R/W
Initial Value
Address
Timer mode register A
TMA
R/W
H'F0
H'FFC0
Timer counter A
TCA
R
H'00
H'FFC1
8.2.2 Register Descriptions
1.
Timer mode register A (TMA)
TMA is an 8-bit read/write register for selecting the prescaler and input clock.
Upon reset, TMA is initialized to H'F0.
Bits 7 to 4: Reserved bits
Bits 7 to 4 are reserved; they always read 1, and cannot be modified.
Bit 3: Prescaler select (TMA3)
Bit 3 selects either prescaler S or prescaler W as the clock input source for timer A.
Bit 3
TMA3
Description
0
Prescaler S (PSS) is clock input source for timer A.
(initial value)
1
Prescaler W (PSW) is clock input source for timer A.
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
—
3
TMA3
0
R/W
0
TMA0
0
R/W
2
TMA2
0
R/W
1
TMA1
0
R/W
139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com