Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 145Page - Renesas Technology Corp HD6433713 Datasheet HTML 146Page - Renesas Technology Corp HD6433713 Datasheet HTML 147Page - Renesas Technology Corp HD6433713 Datasheet HTML 148Page - Renesas Technology Corp HD6433713 Datasheet HTML 149Page - Renesas Technology Corp HD6433713 Datasheet HTML 150Page - Renesas Technology Corp HD6433713 Datasheet HTML 151Page - Renesas Technology Corp HD6433713 Datasheet HTML 152Page - Renesas Technology Corp HD6433713 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 324 page
background image
8.2 Timer A
8.2.1 Overview
Timer A is an 8-bit interval timer. It can be connected to a 32.768 kHz crystal oscillator for use as
a real-time clock time base.
1.
Features
Features of timer A are given below.
•
Choice of eight internal clock sources (
φ/8192, φ/4096, φ/2048, φ/512, φ/256, φ/128,
φ/32, φ/8).
•
Choice of four overflow periods (2 s, 1 s, 0.5 s, 125 ms) when timer A is used as a time
base (using a 32.768 kHz crystal oscillator).
•
An interrupt is requested when the counter overflows.
2.
Block diagram
Figure 8-2 shows a block diagram of timer A.
Figure 8-2 Block Diagram of Timer A
1/8
Prescaler W
(PSW)
Prescaler S
(PSS)
TMA
TCA
φ
SUB/32
φ
SUB
φ/8192, /4096, /2048
/512, /256, /128,
/32, /8
φφ
φ
φφ
φφ
IRRTA
32 kHz
crystal
oscillator
Notation:
TMA:
TCA:
IRRTA:
Timer mode register A
Timer counter A
Timer A overflow interrupt request flag (interrupt request register 2)
* Can be selected only when the input clock to
TCA is the output from prescaler W (
/32).
φ
SUB
Note:
Interval
timer
overflow
1/2
φ
System
clock
138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com