Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 149Page - Renesas Technology Corp HD6433713 Datasheet HTML 150Page - Renesas Technology Corp HD6433713 Datasheet HTML 151Page - Renesas Technology Corp HD6433713 Datasheet HTML 152Page - Renesas Technology Corp HD6433713 Datasheet HTML 153Page - Renesas Technology Corp HD6433713 Datasheet HTML 154Page - Renesas Technology Corp HD6433713 Datasheet HTML 155Page - Renesas Technology Corp HD6433713 Datasheet HTML 156Page - Renesas Technology Corp HD6433713 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 324 page
background image
2.
Real-time clock time base operation
When bit TMA3 in TMA is set to 1, timer A functions as a time base for a real-time clock by
counting clock signals output by prescaler W.
The overflow period of timer A is set by bits TMA1 and TMA0 in TMA. A choice of four
periods is available.
3.
Count initialization
When bits TMA3 and TMA2 are both set to 1, PSW and TCA are initialized (cleared to 0 and
stopped). From this initialized state, if bit TMA3 is left set to 1 and bit TMA2 is cleared to 0,
timer A begins counting from 0 in time base mode.
From the initialized state, if bit TMA3 is cleared to 0, timer A begins counting from 0 in
interval timer mode. (Bit TMA2 can be either set or cleared.) However, since prescaler S
(PSS) has not been initialized, the time between clearing bit TMA3 to 0 and the first count
will vary.
142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com