Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 157 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 157 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 153Page - Renesas Technology Corp HD6433713 Datasheet HTML 154Page - Renesas Technology Corp HD6433713 Datasheet HTML 155Page - Renesas Technology Corp HD6433713 Datasheet HTML 156Page - Renesas Technology Corp HD6433713 Datasheet HTML 157Page - Renesas Technology Corp HD6433713 Datasheet HTML 158Page - Renesas Technology Corp HD6433713 Datasheet HTML 159Page - Renesas Technology Corp HD6433713 Datasheet HTML 160Page - Renesas Technology Corp HD6433713 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 324 page
background image
3.
Timer load register B (TLB)
TLB is an 8-bit write-only register for setting the reload value of timer counter B (TCB).
When a reload value is set in TLB, the same value is loaded into timer counter B (TCB) as well,
and TCB starts counting up from that value. When TCB overflows during operation in auto-
reload mode, the TLB value is loaded in TCB. Accordingly, overflow periods can be set within
the range of 1 to 256 input clocks.
The same address is allocated to TLB as to TCB.
Upon reset, TLB is initialized to H'00.
8.3.3 Timer Operation
Timer B is an 8-bit multifunction timer. It can be used as an interval timer, an auto-reload timer,
or an event counter. (Event counting requires an input pin setting.)
1.
Timer B operation modes
Timer B is an 8-bit up-counter which is incremented each time a clock pulse is input. The
two operation modes, interval and auto-reload, are explained below.
•
Interval timer operation
When bit TMB7 in timer mode register B (TMB) is cleared to 0, timer B functions as an 8-bit
interval timer.
Upon reset, TCB is cleared to H'00 and bit TMB7 is cleared to 0, so up-counting and interval
timing resume immediately after the reset. The clock input to timer B is selected from seven
internal clock signals output by prescaler S, or an external clock input at pin P10/IRQ0. The
selection is made by bits TMB2 to TMB0 of TMB.
After the count value in TCB reaches H'FF, the next clock signal input causes timer B to
overflow, setting bit IRRTB to 1 in interrupt request register 2 (IRR2). If IENTB = 1 in
interrupt enable register 2 (IENR2), a CPU interrupt is requested.*
At overflow, TCB returns to H'00 and starts counting up again.
During interval timer operation (TMB7 = 0), when a value is set in timer load register B
(TLB), the same value is set in TCB.
Note: * For details on interrupts, see 3.2.2, Interrupts.
Bit
Initial value
Read/Write
7
TLB7
0
W
6
TLB6
0
W
5
TLB5
0
W
4
TLB4
0
W
3
TLB3
0
W
0
TLB0
0
W
2
TLB2
0
W
1
TLB1
0
W
146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com