Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 156Page - Renesas Technology Corp HD6433713 Datasheet HTML 157Page - Renesas Technology Corp HD6433713 Datasheet HTML 158Page - Renesas Technology Corp HD6433713 Datasheet HTML 159Page - Renesas Technology Corp HD6433713 Datasheet HTML 160Page - Renesas Technology Corp HD6433713 Datasheet HTML 161Page - Renesas Technology Corp HD6433713 Datasheet HTML 162Page - Renesas Technology Corp HD6433713 Datasheet HTML 163Page - Renesas Technology Corp HD6433713 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 324 page
background image
3.
Pin configuration
Table 8-5 shows the timer C pin configuration.
Table 8-5 Pin Configuration
Name
Abbrev.
I/O
Function
Event input pin
P11/IRQ1
Input
Timer C event input
Up/down select pin
P97/UD
Input
Timer C counting direction control
4.
Register configuration
Table 8-6 shows the register configuration of timer C.
Table 8-6 Timer C Registers
Name
Abbrev.
R/W
Initial Value
Address
Timer mode register C
TMC
R/W
H'18
H'FFC4
Timer counter C
TCC
R
H'00
H'FFC5
Timer load register C
TLC
W
H'00
H'FFC5
8.4.2 Register Descriptions
1.
Timer mode register C (TMC)
TMC is an 8-bit read/write register for selecting the auto-reload function, counting direction, and
input clock.
Upon reset, TMC is initialized to H'18.
Bit
Initial value
Read/Write
7
TMC7
0
R/W
6
TMC6
0
R/W
5
TMC5
0
R/W
4
—
1
—
3
—
1
—
0
TMC0
0
R/W
2
TMC2
0
R/W
1
TMC1
0
R/W
149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com