Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 159Page - Renesas Technology Corp HD6433713 Datasheet HTML 160Page - Renesas Technology Corp HD6433713 Datasheet HTML 161Page - Renesas Technology Corp HD6433713 Datasheet HTML 162Page - Renesas Technology Corp HD6433713 Datasheet HTML 163Page - Renesas Technology Corp HD6433713 Datasheet HTML 164Page - Renesas Technology Corp HD6433713 Datasheet HTML 165Page - Renesas Technology Corp HD6433713 Datasheet HTML 166Page - Renesas Technology Corp HD6433713 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 324 page
background image
3.
Timer load register C (TLC)
TLC is an 8-bit write-only register for setting the reload value of TCC. When a reload value is set
in TLC, the same value is loaded into timer counter C (TCC) as well, and TCC starts counting up
or down from that value. When TCC overflows or underflows during operation in auto-reload
mode, the TLC value is loaded in TCC. Accordingly, overflow and underflow periods can be set
within the range of 1 to 256 input clocks.
The same address is allocated to TLC as to TCC.
Upon reset, TLC is initialized to H'00.
8.4.3 Timer Operation
Timer C is an 8-bit multifunction timer. It can be used as an interval timer, an auto-reload timer,
or an event counter. (Event counting requires an input pin setting.)
1.
Timer C operation modes
Timer C is an 8-bit up-/down-counter which is incremented or decremented each time a clock
pulse is input. The two operation modes, interval and auto-reload, are explained below.
•
Interval timer operation
When bit TMC7 in timer mode register C (TMC) is cleared to 0, timer C functions as an
8-bit interval timer.
Upon reset, timer counter C (TCC) is initialized to H'00 and TMC to H'18, so up-counting
and interval timing resume immediately after the reset. The clock input to timer C is selected
from seven internal clock signals output by prescaler S, or an external clock input at pin
P11/IRQ1. The selection is made by bits TMC2 to TMC0 in TMC.
Either software or hardware can control whether TCC counts up or down. The selection is
made by TMC bits TMC6 and TMC5.
Bit
Initial value
Read/Write
7
TLC7
0
W
6
TLC6
0
W
5
TLC5
0
W
4
TLC4
0
W
3
TLC3
0
W
0
TLC0
0
W
2
TLC2
0
W
1
TLC1
0
W
152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com