Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 163Page - Renesas Technology Corp HD6433713 Datasheet HTML 164Page - Renesas Technology Corp HD6433713 Datasheet HTML 165Page - Renesas Technology Corp HD6433713 Datasheet HTML 166Page - Renesas Technology Corp HD6433713 Datasheet HTML 167Page - Renesas Technology Corp HD6433713 Datasheet HTML 168Page - Renesas Technology Corp HD6433713 Datasheet HTML 169Page - Renesas Technology Corp HD6433713 Datasheet HTML 170Page - Renesas Technology Corp HD6433713 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 324 page
background image
Bits 6 to 1: Reserved bits
Bits 6 to 1 are reserved; they always read 1, and cannot be modified.
Bit 0: Edge select (EDG)
Bit 0 selects the rising or falling edge of input at external event pin P16/EVENT.
Bit 0
EDG
Description
0
TCD counts falling edges of input at pin P16/EVENT.
(initial value)
1
TCD counts rising edges of input at pin P16/EVENT.
2.
Timer counter D (TCD)
TCD is an 8-bit read-only up-counter, which is incremented by external clock input at pin
P16/EVENT. The input clock edge is selected by the EDG bit in timer mode register D (TMD).
The TCD value can be read by the CPU at any time.
When TCD overflows from H'FF to H'00, the IRRTD bit in interrupt request register 2 (IRR2) is
set to 1.
Upon reset, TCD is initialized to H'00.
Bit
Initial value
Read/Write
7
TCD7
0
R
6
TCD6
0
R
5
TCD5
0
R
4
TCD4
0
R
3
TCD3
0
R
0
TCD0
0
R
2
TCD2
0
R
1
TCD1
0
R
156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com