Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 167Page - Renesas Technology Corp HD6433713 Datasheet HTML 168Page - Renesas Technology Corp HD6433713 Datasheet HTML 169Page - Renesas Technology Corp HD6433713 Datasheet HTML 170Page - Renesas Technology Corp HD6433713 Datasheet HTML 171Page - Renesas Technology Corp HD6433713 Datasheet HTML 172Page - Renesas Technology Corp HD6433713 Datasheet HTML 173Page - Renesas Technology Corp HD6433713 Datasheet HTML 174Page - Renesas Technology Corp HD6433713 Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 324 page
background image
4.
Register configuration
Table 8-10 shows the register configuration of timer E.
Table 8-10 Timer E Registers
Name
Abbrev.
R/W
Initial Value
Address
Timer mode register E
TME
R/W
H'78
H'FFC8
Timer counter E
TCE
R
H'00
H'FFC9
Timer load register E
TLE
W
H'00
H'FFC9
Port mode register 4
PMR4
R/W
H'0F
H'FFEE
8.6.2 Register Descriptions
1.
Timer mode register E (TME)
TME is an 8-bit read/write register for selecting the auto-reload function and input clock.
Upon reset, TME is initialized to H'78.
Bit 7: Auto-reload function select (TME7)
Bit 7 selects the auto-reload function of timer E.
Bit 7
TME7
Description
0
Interval timer function selected.
(initial value)
1
Auto-reload function selected.
Bits 6 to 3: Reserved bits
Bits 6 to 3 are reserved; they always read 1, and cannot be modified.
Bit
Initial value
Read/Write
7
TME7
0
R/W
6
—
1
—
5
—
1
—
4
—
1
—
3
—
1
—
0
TME0
0
R/W
2
TME2
0
R/W
1
TME1
0
R/W
160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com