Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 171Page - Renesas Technology Corp HD6433713 Datasheet HTML 172Page - Renesas Technology Corp HD6433713 Datasheet HTML 173Page - Renesas Technology Corp HD6433713 Datasheet HTML 174Page - Renesas Technology Corp HD6433713 Datasheet HTML 175Page - Renesas Technology Corp HD6433713 Datasheet HTML 176Page - Renesas Technology Corp HD6433713 Datasheet HTML 177Page - Renesas Technology Corp HD6433713 Datasheet HTML 178Page - Renesas Technology Corp HD6433713 Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 324 page
background image
8.6.3 Timer Operation
Timer E is an 8-bit up-counter that is incremented each time a clock pulse is input. It functions as
an interval or auto-reload timer. It can also output a square wave having a 50% duty cycle. Each
of these operation modes is explained below.
1.
Interval timer operation
When bit TME7 in timer mode register E (TME) is cleared to 0, timer E functions as an 8-bit
interval timer.
Upon reset, timer counter E (TCE) is reset to H'00 and bit TME7 is cleared to 0, so up-
counting and interval timing resume immediately after the reset. The clock input to timer E is
selected from eight internal clock signals output by prescaler S. The selection is made by bits
TME2 to TME0 in TME.
After the count value in TCE reaches H'FF, the next clock signal input causes timer E to
overflow, setting bit IRRTE to 1 in interrupt request register 2 (IRR2). If bit IENTE = 1 in
interrupt enable register 2 (IENR2), a CPU interrupt is requested.*
At overflow, TCE returns to H'00, and starts counting up again.
During interval timer operation (TME7 = 0), when a value is set in timer load register E
(TLE), the same value is set in TCE.
Note: * For details on interrupts, see 3.2.2, Interrupts.
2.
Auto-reload timer operation
Setting bit TME7 in TME to 1 causes timer E to function as an 8-bit auto-reload timer. When
a reload value is set in TLE, the same value is loaded into TCE, becoming the value from
which TCE starts its count.
After the count value in TCE reaches H'FF, the next clock signal input causes timer E to
overflow. The TLE value is then loaded into TCE, and the count continues from that value.
The overflow period can be set within a range from 1 to 256 input clocks, depending on the
TLE value.
The clock sources and interrupts in auto-reload mode are the same as for interval mode.
In auto-reload mode (bit TME7 = 1), setting a new TLE value also initializes TCE.
164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com