Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 173Page - Renesas Technology Corp HD6433713 Datasheet HTML 174Page - Renesas Technology Corp HD6433713 Datasheet HTML 175Page - Renesas Technology Corp HD6433713 Datasheet HTML 176Page - Renesas Technology Corp HD6433713 Datasheet HTML 177Page - Renesas Technology Corp HD6433713 Datasheet HTML 178Page - Renesas Technology Corp HD6433713 Datasheet HTML 179Page - Renesas Technology Corp HD6433713 Datasheet HTML 180Page - Renesas Technology Corp HD6433713 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 324 page
background image
Table 8-11 Frequencies of Output Waveforms Generated by Timer E Overflow
Output Waveform (
φ = 2 MHz)
1 Count (TLE = H'FF)
× 2
256 Counts (TLE = H'00)
× 2
Internal Clock
Count Time
Output Frequency
Count Time
Output Frequency
φ/8 (250 kHz)
8 µs
125 kz
2024 µs
488.3 Hz
φ/32 (62.5 kHz)
32 µs
31.25 kHz
8192 µs
122.1 Hz
φ/128 (15.62 kHz)
128 µs
7.8125 kHz
32.768 ms
30.5 Hz
φ/256 (7.8125 kHz)
256 µs
3.9063 kHz
65.536 ms
15.3 Hz
φ/512 (3.9062 kHz)
512 µs
1.9531 kHz
131.072 ms
7.63 Hz
φ/2048 (976.5 Hz)
2.048 ms
488.3 Hz
524.288 ms
1.91 Hz
φ/4096 (488.2 Hz)
4.096 ms
244.1 Hz
1048.576 ms 0.95 Hz
φ/8192 (244.1 Hz)
8.192 ms
122.1 Hz
2097.152 ms 0.477 Hz
Output Waveform (
φ = 4 MHz)
1 Count (TLE = H'FF)
× 2
256 Counts (TLE = H'00)
× 2
Internal Clock
Count Time
Output Frequency
Count Time
Output Frequency
φ/8 (500 kHz)
4 µs
250 kz
1024 µs
976.6 Hz
φ/32 (125 kHz)
16 µs
62.5 kHz
4096 µs
244.1 Hz
φ/128 (31.25 kHz)
64 µs
15.625 kHz
16.384 ms
61.0 Hz
φ/256 (15.625 kHz)
128 µs
7.8125 kHz
32.768 ms
30.5 Hz
φ/512 (7.8125 kHz)
256 µs
3.9063 kHz
65.536 ms
15.3 Hz
φ/2048 (1.963 Hz)
1.024 ms
976.6 Hz
262.144 ms
3.8 Hz
φ/4096 (976.52 Hz)
2.048 ms
488.3 Hz
524.288 ms
1.91 Hz
φ/8192 (488.2 Hz)
4.096 ms
244.1 Hz
1048.576 ms 0.95 Hz
166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com