Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 170Page - Renesas Technology Corp HD6433713 Datasheet HTML 171Page - Renesas Technology Corp HD6433713 Datasheet HTML 172Page - Renesas Technology Corp HD6433713 Datasheet HTML 173Page - Renesas Technology Corp HD6433713 Datasheet HTML 174Page - Renesas Technology Corp HD6433713 Datasheet HTML 175Page - Renesas Technology Corp HD6433713 Datasheet HTML 176Page - Renesas Technology Corp HD6433713 Datasheet HTML 177Page - Renesas Technology Corp HD6433713 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 324 page
background image
Bit 7: Timer E output select (TEO)
Bit 6: Timer E output on/off (TEO ON)
Bit 5: Fixed frequency select (FREQ)
Bit 4: Variable frequency select (VRFR)
P15/IRQ5/TMOE pin functions are switched as follows, by means of bits 7 to 4 of PMR4 and bit
IRQC5 of port mode register 1 (PMR1).
PMR1
PMR4
Description
Bit 5
Bit 7
Bit 6
Bit 5
Bit 4
IRQC5
TEO
TEO ON FREQ
VRFR
Pin Function
Pin State
00000
P15 pin
Standard I/O port (initial value)
00
***
P15 pin
Standard I/O port
010
**
TMOE output pin Low-level output
(off)
01100
TMOE output pin Fixed-frequency output:
(on)
(
φ/2048)
1.95 kHz (
φ = 4 MHz)
0.98 kHz (
φ = 2 MHz)
01110
TMOE output pin Fixed-frequency output:
(on)
(
φ/1024)
3.9 kHz (
φ = 4 MHz)
1.95 kHz (
φ = 2 MHz)
011
*
1
TMOE output pin Variable-frequency output:
(on)
toggled by timer E overflow
1
****
IRQ5 input pin
External interrupt input
Note: * Don’t care.
Bits 3 to 0: Reserved bits
Bits 3 to 0 are reserved; they always read 1, and cannot be modified.
163



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com