Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 174Page - Renesas Technology Corp HD6433713 Datasheet HTML 175Page - Renesas Technology Corp HD6433713 Datasheet HTML 176Page - Renesas Technology Corp HD6433713 Datasheet HTML 177Page - Renesas Technology Corp HD6433713 Datasheet HTML 178Page - Renesas Technology Corp HD6433713 Datasheet HTML 179Page - Renesas Technology Corp HD6433713 Datasheet HTML 180Page - Renesas Technology Corp HD6433713 Datasheet HTML 181Page - Renesas Technology Corp HD6433713 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 324 page
background image
8.7 Interrupts
Timer A to E interrupts are requested when a timer overflows or underflows. Each timer is
assigned its own vector address. The priority of interrupts is in the order of timer A (high) to
timer E (low). Further details are given in 3.2.2, Interrupts, table 3-2, Interrupt Sources.
When timers A to E overflow, the corresponding bit IRRTA to IRRTE in interrupt request register
2 (IRR2) is set to 1. These interrupt flags are not cleared even if the interrupt is accepted. They
must be cleared to 0 by software in the interrupt handler routine.
Interrupts may be enabled or disabled independently for each timer by means of bits IENTA to
IENTE in interrupt enable register 2 (IENR2).
For further details see 3.2.3, Interrupt Control Registers.
8.8 Application Notes
Even when the EVENT bit in port mode register 1 (PMR1) designates the P16 usage of pin
P16/EVENT, reading the P16 pin may cause timer D to increment. When using timer D, be sure
to clear timer counter D (TCD) by means of the CLR bit in timer mode register D (TMD).
167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com