Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 172Page - Renesas Technology Corp HD6433713 Datasheet HTML 173Page - Renesas Technology Corp HD6433713 Datasheet HTML 174Page - Renesas Technology Corp HD6433713 Datasheet HTML 175Page - Renesas Technology Corp HD6433713 Datasheet HTML 176Page - Renesas Technology Corp HD6433713 Datasheet HTML 177Page - Renesas Technology Corp HD6433713 Datasheet HTML 178Page - Renesas Technology Corp HD6433713 Datasheet HTML 179Page - Renesas Technology Corp HD6433713 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 324 page
background image
3.
Square wave output
A 50% duty square wave can be output at pin P15/IRQ5/TMOE if this function is selected in
port mode register 4 (PMR4) and bit IRQC5 in port mode register 1 (PMR1). When bit
VRFR = 0 in PMR4, the square wave has a fixed frequency designated in the FREQ bit. For
the frequencies that can be output, see 8.6.2 (4), Port mode register 4 (PMR4).
When bit VRFR = 1, timer E overflow generates a toggle output alternating between low and
high level (see figure 8-7). The overflow period is selected in timer load register E (TLE),
with timer E operating in auto-reload mode (bit TME7 = 1). The operating clock can be
selected by means of bits TME2 to TME0. These settings can give a waveform output of any
desired frequency within the range shown in table 8-11.
Figure 8-7 Square Wave Output Generated by Timer E Overflow
Timer E value = H'FF
TLE value
(auto-reload mode selected)
TMOE output waveform
Timer E interrupt request
165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com