Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 172 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 168Page - Renesas Technology Corp HD6433713 Datasheet HTML 169Page - Renesas Technology Corp HD6433713 Datasheet HTML 170Page - Renesas Technology Corp HD6433713 Datasheet HTML 171Page - Renesas Technology Corp HD6433713 Datasheet HTML 172Page - Renesas Technology Corp HD6433713 Datasheet HTML 173Page - Renesas Technology Corp HD6433713 Datasheet HTML 174Page - Renesas Technology Corp HD6433713 Datasheet HTML 175Page - Renesas Technology Corp HD6433713 Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 324 page
background image
Bits 2 to 0: Clock select (TME2 to TME0)
Bits 2 to 0 select the clock input to TCE.
Bit 2
Bit 1
Bit 0
TME2
TME1
TME0
Description
0
0
0
Internal clock:
φ/8192.
(initial value)
0
0
1
Internal clock:
φ/4096.
0
1
0
Internal clock:
φ/2048.
0
1
1
Internal clock:
φ/512.
1
0
0
Internal clock:
φ/256.
1
0
1
Internal clock:
φ/128.
1
1
0
Internal clock:
φ/32.
1
1
1
Internal clock:
φ/8.
2.
Timer counter E (TCE)
TCE is an 8-bit read-only up-counter, which is incremented by internal clock input. The clock
source for input to this counter is selected by bits TME2 to TME0 in timer mode register E
(TME). The TCE value can be read by the CPU at any time.
When TCE overflows from H'FF to H'00 or to the value set in TLE, the IRRTE bit in interrupt
request register 2 (IRR2) is set to 1.
TCE is allocated to the same address as timer load register E (TLE).
Upon reset, TCE is initialized to H'00.
Bit
Initial value
Read/Write
7
TCE7
0
R
6
TCE6
0
R
5
TCE5
0
R
4
TCE4
0
R
3
TCE3
0
R
0
TCE0
0
R
2
TCE2
0
R
1
TCE1
0
R
161



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com