Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 169Page - Renesas Technology Corp HD6433713 Datasheet HTML 170Page - Renesas Technology Corp HD6433713 Datasheet HTML 171Page - Renesas Technology Corp HD6433713 Datasheet HTML 172Page - Renesas Technology Corp HD6433713 Datasheet HTML 173Page - Renesas Technology Corp HD6433713 Datasheet HTML 174Page - Renesas Technology Corp HD6433713 Datasheet HTML 175Page - Renesas Technology Corp HD6433713 Datasheet HTML 176Page - Renesas Technology Corp HD6433713 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 324 page
background image
3.
Timer load register E (TLE)
TLE is an 8-bit write-only register for setting the reload value of TCE.
When a reload value is set in TLE, the same value is loaded into timer counter E (TCE) as well,
and TCE starts counting up from that value. When TCE overflows during operation in auto-reload
mode, the TLE value is loaded in TCE. Accordingly, the overflow period can be set within the
range of 1 to 256 input clocks.
The same address is allocated to TLE as to TCE.
Upon reset, TLE is initialized to H'00.
4.
Port mode register 4 (PMR4)
PMR4 is an 8-bit read/write register, for switching functions of pin P15/IRQ5/TMOE and for
controlling waveform output from pin TMOE.
Upon reset, PMR4 is initialized to H'0F.
Bit
Initial value
Read/Write
7
TLE7
0
W
6
TLE6
0
W
5
TLE5
0
W
4
TLE4
0
W
3
TLE3
0
W
0
TLE0
0
W
2
TLE2
0
W
1
TLE1
0
W
Bit
Initial value
Read/Write
7
TEO
0
R/W
6
TEO ON
0
R/W
5
FREQ
0
R/W
4
VRFR
0
R/W
3
—
1
—
0
—
1
—
2
—
1
—
1
—
1
—
162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com