Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 162Page - Renesas Technology Corp HD6433713 Datasheet HTML 163Page - Renesas Technology Corp HD6433713 Datasheet HTML 164Page - Renesas Technology Corp HD6433713 Datasheet HTML 165Page - Renesas Technology Corp HD6433713 Datasheet HTML 166Page - Renesas Technology Corp HD6433713 Datasheet HTML 167Page - Renesas Technology Corp HD6433713 Datasheet HTML 168Page - Renesas Technology Corp HD6433713 Datasheet HTML 169Page - Renesas Technology Corp HD6433713 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 324 page
background image
3.
Pin configuration
Table 8-7 shows the timer D pin configuration.
Table 8-7 Pin Configuration
Name
Abbrev.
I/O
Function
Event input pin
P16/EVENT
Input
Timer D event input
4.
Register configuration
Table 8-8 shows the register configuration of timer D.
Table 8-8 Timer D Registers
Name
Abbrev.
R/W
Initial Value
Address
Timer mode register D
TMD
R/W*
H'7E
H'FFC6
Timer counter D
TCD
R
H'00
H'FFC7
Note: * Writing to bit 7 of TMD is possible only when writing 1 to clear the counter.
8.5.2 Register Descriptions
1.
Timer mode register D (TMD)
TMD is an 8-bit read/write register for clearing timer counter D (TCD), and for selecting whether
input at the external event pin is sensed at the rising or falling edge.
Bit 7: Counter clear (CLR)
Bit 7 initializes TCD to H'00.
Bit 7
CLR
Description
0
After 1 is written to this bit to initialize TCD, it is cleared to 0 by
(initial value)
hardware.
1
Initializes TCD to H'00.
Bit
Initial value
Read/Write
7
CLR
0
W
6
—
1
—
5
—
1
—
4
—
1
—
3
—
1
—
0
EDG
0
R/W
2
—
1
—
1
—
1
—
155



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com