Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 158Page - Renesas Technology Corp HD6433713 Datasheet HTML 159Page - Renesas Technology Corp HD6433713 Datasheet HTML 160Page - Renesas Technology Corp HD6433713 Datasheet HTML 161Page - Renesas Technology Corp HD6433713 Datasheet HTML 162Page - Renesas Technology Corp HD6433713 Datasheet HTML 163Page - Renesas Technology Corp HD6433713 Datasheet HTML 164Page - Renesas Technology Corp HD6433713 Datasheet HTML 165Page - Renesas Technology Corp HD6433713 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 324 page
background image
Bits 2 to 0 select the clock input to TCC. For external clock counting, either the rising or falling
edge can be selected.
Bit 2
Bit 1
Bit 0
TMC2
TMC1
TMC0
Description
0
0
0
Internal clock:
φ/8192.
(initial value)
0
0
1
Internal clock:
φ/2048.
0
1
0
Internal clock:
φ/512.
0
1
1
Internal clock:
φ/256.
1
0
0
Internal clock:
φ/128.
1
0
1
Internal clock:
φ/32.
1
1
0
Internal clock:
φ/8.
1
1
1
External clock (P11/IRQ1): rising or falling edge.*
Note: * The edge of the external clock is selected by bit IEG1 in the IRQ edge select register
(IEGR). For details see 3.2.3 2, IRQ edge select register (IEGR).
2.
Timer counter C (TCC)
TCC is an 8-bit read-only up-/down-counter, which is incremented or decremented by internal or
external clock input. The clock source for input to this counter is selected by bits TMC2 to TMC0
in timer mode register C (TMC). The TCC value can be read by the CPU at any time.
When TCC overflows (from H'FF to H'00 or to the value set in TLC) or underflows (from H'00 to
H'FF or to the value set in TLC), the IRRTC bit in interrupt request register 2 (IRR2) is set to 1.
TCC is allocated to the same address as timer load register C (TLC).
Upon reset, TCC is initialized to H'00.
Bit
Initial value
Read/Write
7
TCC7
0
R
6
TCC6
0
R
5
TCC5
0
R
4
TCC4
0
R
3
TCC3
0
R
0
TCC0
0
R
2
TCC2
0
R
1
TCC1
0
R
151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com