| Electronic Components Datasheet Search |
|
HD6433713 Datasheet(PDF) 158 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6433713 Datasheet(HTML) 158 Page - Renesas Technology Corp |
|
158 / 324 page ![]() • Auto-reload timer operation Setting bit TMB7 in TMB to 1 causes timer B to function as an 8-bit auto-reload timer. When a reload value is set in TLB, the same value is loaded into TCB, becoming the value from which TCB starts its count. After the count value in TCB reaches H'FF, the next clock signal input causes timer B to overflow. The TLB value is then loaded into TCB, and the count continues from that value. The overflow period can be set within a range from 1 to 256 input clocks, depending on the TLB value. The clock sources and interrupts in auto-reload mode are the same as for interval mode. In auto-reload mode (bit TMB7 = 1), setting a new TLB value also initializes TCB. 2. Operation on external clock Timer B can operate on an external clock input as an event signal at pin P10/IRQ0. External clock operation is selected by setting bits TMB2 to TMB0 in timer mode register B to all 1’s (111). TCB can count either rising or falling edges of the input at pin P10/IRQ0. When timer B is used to count external event input, bit IRQC0 in port mode register 1 (PMR1) should be set to 1, and bit IEN0 in interrupt enable register 1 (IENR1) should be cleared to 0 to disable IRQ0 interrupt requests. 147 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |