Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 152Page - Renesas Technology Corp HD6433713 Datasheet HTML 153Page - Renesas Technology Corp HD6433713 Datasheet HTML 154Page - Renesas Technology Corp HD6433713 Datasheet HTML 155Page - Renesas Technology Corp HD6433713 Datasheet HTML 156Page - Renesas Technology Corp HD6433713 Datasheet HTML 157Page - Renesas Technology Corp HD6433713 Datasheet HTML 158Page - Renesas Technology Corp HD6433713 Datasheet HTML 159Page - Renesas Technology Corp HD6433713 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 324 page
background image
Bits 6 to 3: Reserved bits
Bits 6 to 3 are reserved; they always read 1, and cannot be modified.
Bits 2 to 0: Clock select (TMB2 to TMB0)
Bits 2 to 0 select the clock input to TCB. For external clock counting, either the rising or falling
edge can be selected.
Bit 2
Bit 1
Bit 0
TMB2
TMB1
TMB0
Description
0
0
0
Internal clock:
φ/8192.
(initial value)
0
0
1
Internal clock:
φ/2048.
0
1
0
Internal clock:
φ/512.
0
1
1
Internal clock:
φ/256.
1
0
0
Internal clock:
φ/128.
1
0
1
Internal clock:
φ/32.
1
1
0
Internal clock:
φ/8.
1
1
1
External clock (P10/IRQ0): rising or falling edge.*
Note: * The edge of the external event signal is selected by bit IEG0 in the IRQ edge select
register (IEGR). For details see 3.2.3 (2), IRQ edge select register (IEGR).
2.
Timer counter B (TCB)
TCB is an 8-bit read-only up-counter, which is incremented by internal or external clock input.
The clock source for input to this counter is selected by bits TMB2 to TMB0 in timer mode
register B (TMB). The TCB value can be read by the CPU at any time.
When TCB overflows from H'FF to H'00 or to the value set in TLB, the IRRTB bit in interrupt
request register 2 (IRR2) is set to 1.
TCB is allocated to the same address as timer load register B (TLB).
Upon reset, TCB is initialized to H'00.
Bit
Initial value
Read/Write
7
TCB7
0
R
6
TCB6
0
R
5
TCB5
0
R
4
TCB4
0
R
3
TCB3
0
R
0
TCB0
0
R
2
TCB2
0
R
1
TCB1
0
R
145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com