Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 157Page - Renesas Technology Corp HD6433713 Datasheet HTML 158Page - Renesas Technology Corp HD6433713 Datasheet HTML 159Page - Renesas Technology Corp HD6433713 Datasheet HTML 160Page - Renesas Technology Corp HD6433713 Datasheet HTML 161Page - Renesas Technology Corp HD6433713 Datasheet HTML 162Page - Renesas Technology Corp HD6433713 Datasheet HTML 163Page - Renesas Technology Corp HD6433713 Datasheet HTML 164Page - Renesas Technology Corp HD6433713 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 324 page
background image
Bit 7: Auto-reload function select (TMC7)
Bit 7 selects the auto-reload function of timer C.
Bit 7
TMC7
Description
0
Interval timer function selected.
(initial value)
1
Auto-reload function selected.
Bit 6: Counter up/down control 1 (TMC6)
This bit selects whether the counting direction of timer counter C (TCC) is controlled by hardware
using pin P97/UD, or by software using bit TMC5.
Bit 5: Counter up/down control 2 (TMC5)
This bit selects whether TCC is an up-counter or down-counter. The setting of this bit is valid
when bit TMC6 = 0.
Bits TMC6 and TMC5 operate as follows.
Bit 6
Bit 5
TMC6
TMC5
Description
0
0
TCC is an up-counter.
(initial value)
0
1
TCC is a down-counter.
1
*
TCC up/down control is by input at pin P97/UD. TCC is a down-counter if
UD input is high, and an up-counter if UD input is low.
Note: * Don’t care.
Bits 4 and 3: Reserved bits
Bits 4 and 3 are reserved; they always read 1, and cannot be modified.
Bits 2 to 0: Clock select (TMC2 to TMC0)
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com