Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 164 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 164 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 160Page - Renesas Technology Corp HD6433713 Datasheet HTML 161Page - Renesas Technology Corp HD6433713 Datasheet HTML 162Page - Renesas Technology Corp HD6433713 Datasheet HTML 163Page - Renesas Technology Corp HD6433713 Datasheet HTML 164Page - Renesas Technology Corp HD6433713 Datasheet HTML 165Page - Renesas Technology Corp HD6433713 Datasheet HTML 166Page - Renesas Technology Corp HD6433713 Datasheet HTML 167Page - Renesas Technology Corp HD6433713 Datasheet HTML 168Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 324 page
background image
After the count value in TCC reaches H'FF (H'00), the next clock signal input causes timer C
to overflow (underflow), setting bit IRRTC to 1 in interrupt request register 2 (IRR2). If bit
IENTC = 1 in interrupt enable register 2 (IENR2), a CPU interrupt is requested.*
At overflow or underflow, TCC returns to H'00 or H'FF and starts counting up or down again.
During interval timer operation (TMC7 = 0), when a value is set in timer load register C
(TLC), the same value is set in TCC.
Note: * For details on interrupts, see 3.2.2, Interrupts.
•
Auto-reload timer operation
Setting bit TMC7 in TMC to 1 causes timer C to function as an 8-bit auto-reload timer. When
a reload value is set in TLC, the same value is loaded into TCC, becoming the value from
which TCC starts its count.
After the count value in TCC reaches H'FF (H'00), the next clock signal input causes timer C
to overflow (or underflow). The TLC value is then loaded into TCC, and the count continues
from that value. The overflow (underflow) period can be set within a range from 1 to 256
input clocks, depending on the TLC value.
The clock sources, up/down control, and interrupts in auto-reload mode are the same as for
interval mode.
In auto-reload mode (bit TMC7 = 1), setting a new TLC value also initializes TCC.
2.
Operation on external clock
Timer C can operate on an external clock input as an event signal at pin P11/IRQ1. External
clock operation is selected by setting bits TMC2 to TMC0 in timer mode register C to all 1’s
(111). TCC can count either rising or falling edges of the input at pin P11/IRQ1.
When timer C is used to count external event input, bit IRQC1 in port mode register 1
(PMR1) should be set to 1, and bit IEN1 in interrupt enable register 1 (IENR1) should be
cleared to 0 to disable IRQ1 interrupt requests.
3.
TCC up/down control by hardware
The counting direction of timer C can be controlled by input at pin P97/UD. When bit TMC6
in TMC is set to 1, high-level input at the UD pin selects down-counting, while low-level
input selects up-counting.
When using input at pin UD for this control function, set the UP/DOWN bit in port mode
register 2 (PMR2) to 1.
153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com