Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 38Page - Renesas Technology Corp 7702 Datasheet HTML 39Page - Renesas Technology Corp 7702 Datasheet HTML 40Page - Renesas Technology Corp 7702 Datasheet HTML 41Page - Renesas Technology Corp 7702 Datasheet HTML 42Page - Renesas Technology Corp 7702 Datasheet HTML 43Page - Renesas Technology Corp 7702 Datasheet HTML 44Page - Renesas Technology Corp 7702 Datasheet HTML 45Page - Renesas Technology Corp 7702 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 217 page
background image
7702/7703 Group User’s Manual
CENTRAL PROCESSING UNIT (CPU)
2–16
2.3 Access space
2.3 Access space
Figure 2.3.1 shows the M37702’s access space.
By combination of the program counter (PC), which is 16 bits of structure, and the program bank register
(PG), a 16-Mbyte space from addresses 00000016 to FFFFFF16 can be accessed. For details about access
of an external area, refer to “Chapter 12. CONNECTION WITH EXTERNAL DEVICES.”
The memory and I/O devices are allocated in the same access space. Accordingly, it is possible to perform
transfer and arithmetic operations using the same instructions without discrimination of the memory from
I/O devices.
: Indicates the memory allocaton of
the internal areas.
:
Indicates that nothing is allocated.
Note : Memory assignment of internal area varies according to the type of microcomputer. This
figure shows the case of the M37702M2BXXXFP.
Refer to “Appendix 1. Memory assignment” for other products.
SFR : Special Function Register
00000016
00008016
00FFFF16
01000016
0E000016
FF000016
FFFFFF16
SFR area
Internal RAM area
Bank 016
Internal ROM area
02000016
00027F16
00007F16
Bank 116
Bank FF16
Bank FE16
00C00016
Fig. 2.3.1 M37702’s access space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com