Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 48Page - Renesas Technology Corp 7702 Datasheet HTML 49Page - Renesas Technology Corp 7702 Datasheet HTML 50Page - Renesas Technology Corp 7702 Datasheet HTML 51Page - Renesas Technology Corp 7702 Datasheet HTML 52Page - Renesas Technology Corp 7702 Datasheet HTML 53Page - Renesas Technology Corp 7702 Datasheet HTML 54Page - Renesas Technology Corp 7702 Datasheet HTML 55Page - Renesas Technology Corp 7702 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 217 page
background image
7702/7703 Group User’s Manual
CENTRAL PROCESSING UNIT (CPU)
2–26
Processor mode
CNVss pin level
Processor mode bits
b1
b0
Single-chip mode
Vss (0 V) (Note 1)
0
Memory expansion mode
Vss (0 V) (Note 1)
0
Microprocessor mode
Vss (0 V) (Note 1)
1
Vcc (5 V) (Note 2)
2.5 Processor modes
Notes 1: The microcomputer starts operating in the single-chip mode after a reset. The microcomputer can
be switched to the other processor modes by setting the processor mode bits.
2: The microcomputer starts operating in the microprocessor mode after a reset. The microcomputer
cannot operate in the other modes, so that fix the processor mode bits as follows:
•b1 = “1” and b0 = “0.”
Table 2.5.2 Methods for setting processor modes
Bit
Bit name
Functions
At reset
RW
0
1
2
3
4
5
6
7
Processor mode bits
Software reset bit
Interrupt priority detection time
select bits
Clock
1
output select bit
(Note 2)
0
0
0
0
0 0 : Single-chip mode
0 1 : Memory expansion mode
1 0 : Microprocessor mode
1 1 : Not selected
The microcomputer is reset by
writing “1” to this bit. The value is
“0” at reading.
0 0 : 7 cycles of
0 1 : 4 cycles of
1 0 : 2 cycles of
1 1 : Not selected
0 : Clock
1
output disabled
(P42 functions as a programmable
I/O port.)
1 : Clock
1
output enabled
(P42 functions as a clock
1
out-
put pin.)
0
0
b1 b0
b5 b4
Processor mode register (Address 5E16)
(Note1)
Notes 1: While supplying the Vcc level to the CNVss pin, this bit becomes “1”
after a reset. (Fixed to “1.”)
2: This bit is ignored in the microprocessor mode. (It may be either “0” or “1.”)
b1
b0
b2
b3
b4
b5
b6
b7
0
RW
RW
Wait bit
RW
WO
0
RW
0
RW
Fix this bit to “0.”
RW
RW
0 : Software Wait is inserted when
accessing external area.
1 : No software wait is inserted
when accessing external area.
: Bits 7 to 2 are not used for setting of the processor mode.
Fig. 2.5.4 Structure of processor mode register
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com