Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 86Page - Renesas Technology Corp 7702 Datasheet HTML 87Page - Renesas Technology Corp 7702 Datasheet HTML 88Page - Renesas Technology Corp 7702 Datasheet HTML 89Page - Renesas Technology Corp 7702 Datasheet HTML 90Page - Renesas Technology Corp 7702 Datasheet HTML 91Page - Renesas Technology Corp 7702 Datasheet HTML 92Page - Renesas Technology Corp 7702 Datasheet HTML 93Page - Renesas Technology Corp 7702 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 217 page
background image
7702/7703 Group User’s Manual
TIMER A
5.1 Overview
5–2
Timer A is used primarily for output to externals. It consists of five counters, timers A0 to A4, each equipped
with a 16-bit reload function. Timers A0 to A4 operate independently of one another.
7703 Group
Timer A4’s function of the 7703 Group varies from the 7702 Group’s. Refer to “Chapter 20. 7703 GROUP.”
5.1 Overview
Timer Ai (i = 0 to 4) has four operating modes listed below. Except for the event counter mode, Timers A0
to A4 all have the same functions.
q Timer mode
The timer counts an internally generated count source. Following functions can be used in this mode:
•Gate function
•Pulse output function
q Event counter mode
The timer counts an external signal. Following functions can be used in this mode:
•Pulse output function
•Two-phase pulse signal processing function (Timers A2, A3, and A4)
q One-shot pulse mode
The timer outputs a pulse which has an arbitrary width once.
q Pulse width modulation (PWM) mode
Timer outputs pulses which have an arbitrary width in succession. The timer functions as which pulse
width modulator as follows:
•16-bit pulse width modulator
•8-bit pulse width modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com