Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 57Page - Renesas Technology Corp 7702 Datasheet HTML 58Page - Renesas Technology Corp 7702 Datasheet HTML 59Page - Renesas Technology Corp 7702 Datasheet HTML 60Page - Renesas Technology Corp 7702 Datasheet HTML 61Page - Renesas Technology Corp 7702 Datasheet HTML 62Page - Renesas Technology Corp 7702 Datasheet HTML 63Page - Renesas Technology Corp 7702 Datasheet HTML 64Page - Renesas Technology Corp 7702 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 217 page
background image
7702/7703 Group User’s Manual
3–7
INPUT/OUTPUT PINS
E output pin
Ports P80/CTS0/RTS0, P81/CLK0,
P84/CTS1/RTS1, P85/CLK1
“1”
Output
“0”
Direction register
Port latch
Data bus
7703 Group
There are not pins P84 and P85.
3.1 Programmable I/O ports
Fig. 3.1.5 Port peripheral circuits (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com