Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 61Page - Renesas Technology Corp 7702 Datasheet HTML 62Page - Renesas Technology Corp 7702 Datasheet HTML 63Page - Renesas Technology Corp 7702 Datasheet HTML 64Page - Renesas Technology Corp 7702 Datasheet HTML 65Page - Renesas Technology Corp 7702 Datasheet HTML 66Page - Renesas Technology Corp 7702 Datasheet HTML 67Page - Renesas Technology Corp 7702 Datasheet HTML 68Page - Renesas Technology Corp 7702 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 217 page
background image
7702/7703 Group User’s Manual
4–3
INTERRUPTS
When an interrupt request is accepted, the contents of the registers listed below immediately preceding the
acceptance of the interrupt request are automatically saved to the stack area in order of registers Œ
→→Ž.
Œ Program bank register (PG)
 Program counter (PCL, PCH)
Ž Processor status register (PSL, PSH)
Figure 4.1.2 shows the state of the stack area just before entering the interrupt routine.
Execute the RTI instruction at the end of this interrupt routine to return to the routine that the microcomputer
was executing before the interrupt request was accepted. As the RTI instruction is executed, the register
contents saved in the stack area are restored in order of registers Ž
→→Œ, and a return is made to the
routine executed before the acceptance of interrupt request and processing is resumed from it.
When an interrupt request is accepted and the RTI instruction is executed, the only above registers Œ to
Ž are automatically saved and restored. When there are any other registers of which contents are necessary
to be kept, use software to save and restore them.
Fig. 4.1.2 State of stack area just before entering interrupt routine
4.1 Overview
[S] is an initial value that the stack pointer (S) indicates at
accepting an interrupt request. The S’s contents become
[S] – 5 after saving the above registers.
Address
[S] – 4
[S] – 3
[S] – 2
[S] – 1
[S]V
Processor status register’s low-order byte (PSL)
Stack area
[S] – 5
Processor status register’s high-order byte (PSH)
Program counter’s low-order byte (PCL)
Program counter’s high-order byte (PCH)
Program bank register (PG)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com