Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 39Page - Renesas Technology Corp 7702 Datasheet HTML 40Page - Renesas Technology Corp 7702 Datasheet HTML 41Page - Renesas Technology Corp 7702 Datasheet HTML 42Page - Renesas Technology Corp 7702 Datasheet HTML 43Page - Renesas Technology Corp 7702 Datasheet HTML 44Page - Renesas Technology Corp 7702 Datasheet HTML 45Page - Renesas Technology Corp 7702 Datasheet HTML 46Page - Renesas Technology Corp 7702 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 217 page
background image
CENTRAL PROCESSING UNIT (CPU)
7702/7703 Group User’s Manual
2–17
2.3.1 Banks
The access space is divided in units of 64 Kbytes. This unit is called “bank.” The high-order 8 bits of
address (24 bits) indicate a bank, which is specified by the program bank register (PG) or data bank
register (DT). Each bank can be accessed efficiently by using an addressing mode that uses the data bank
register (DT).
If the program counter (PC) overflows at a bank boundary, the contents of the program bank register (PG)
is incremented by 1. If a borrow occurs in the program counter (PC) as a result of subtraction, the contents
of the program bank register (PG) is decremented by 1. Normally, accordingly, the user can program
without concern for bank boundaries.
SFR (Special Function Register), internal RAM, and internal ROM are assigned in bank 016. For details,
refer to section “2.4 Memory assignment.”
2.3.2 Direct page
A 256-byte space specified by the direct page register (DPR) is called “direct page.” A direct page is
specified by setting the base address (the lowest address) of the area to be specified as a direct page into
the direct page register (DPR).
By using a direct page addressing mode, a direct page can be accessed with less instruction cycles than
otherwise.
Note: Refer also to section “2.1 Central processing unit.”
2.3 Access space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com