Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 71Page - Renesas Technology Corp 7702 Datasheet HTML 72Page - Renesas Technology Corp 7702 Datasheet HTML 73Page - Renesas Technology Corp 7702 Datasheet HTML 74Page - Renesas Technology Corp 7702 Datasheet HTML 75Page - Renesas Technology Corp 7702 Datasheet HTML 76Page - Renesas Technology Corp 7702 Datasheet HTML 77Page - Renesas Technology Corp 7702 Datasheet HTML 78Page - Renesas Technology Corp 7702 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 217 page
background image
7702/7703 Group User’s Manual
INTERRUPTS
4–13
4.6 Interrupt priority level detection time
After sampling had started, an interrupt priority level detection time has elapses before an interrupt request
is accepted. The interrupt priority level detection time can be selected by software. Figure 4.6.1 shows the
interrupt priority level detection time.
As the interrupt priority level detection time, normally select “2 cycles of internal clock
φ.”
4.6 Interrupt priority level detection time
Fig. 4.6.1 Interrupt priority level detection time
(2) Interrupt priority level detection time
Op code fetch cycle
Sampling pulse
(a) 7 cycles
(b) 4 cycles
(c) 2 cycles
Interrupt priority level
detection time
(Note)
Note: Pulse exists when “2 cycles of
” is selected.
b7
b6
b5
b4
b3
b2
b1
b0
0
0 0
0 1
1 0
1 1
Processor mode register (Address 5E16)
Processor mode bits
Software reset bit
Fix to “0.”
Clock
1
output select bit
7 cycles of
[(a) shown below]
4 cycles of
[(b) shown below]
2 cycles of
[(c) shown below]
Interrupt priority detection time select bits
Do not select
(1) Interrupt priority detection time select bits
b5, b4
Wait bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com