Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 40Page - Renesas Technology Corp 7702 Datasheet HTML 41Page - Renesas Technology Corp 7702 Datasheet HTML 42Page - Renesas Technology Corp 7702 Datasheet HTML 43Page - Renesas Technology Corp 7702 Datasheet HTML 44Page - Renesas Technology Corp 7702 Datasheet HTML 45Page - Renesas Technology Corp 7702 Datasheet HTML 46Page - Renesas Technology Corp 7702 Datasheet HTML 47Page - Renesas Technology Corp 7702 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 217 page
background image
7702/7703 Group User’s Manual
CENTRAL PROCESSING UNIT (CPU)
2–18
2.4 Memory assignment
2.4 Memory assignment
This section describes the internal area’s memory assignment. For more information about the external
area, refer also to section “2.5 Processor modes.”
2.4.1 Memory assignment in internal area
SFR (Special Function Register), internal RAM, and internal ROM are assigned in the internal area. Figure
2.4.1 shows the internal area’s memory assignment.
(1)
SFR area
The registers for setting internal peripheral devices are assigned at addresses 016 to 7F16. This area
is called SFR (Special Function Register). Figure 2.4.2 shows the SFR area’s memory assignment.
For each register in the SFR area, refer to each functional description in this manual.
For the state of the SFR area immediately after a reset, refer to section “13.1.2 State of CPU, SFR
area, and internal RAM area.”
(2)
Internal RAM area
The M37702M2BXXXFP (See Note) assigns the 512-byte static RAM at addresses 8016 to 27F16. The
internal RAM area is used as a stack area, as well as an area to store data. Accordingly, note that
set the nesting depth of a subroutine and multiple interrupts’ level not to destroy the necessary data.
(3)
Internal ROM area
The M37702M2BXXXFP (See Note) assigns the 16-Kbyte mask RAM at addresses C00016 to FFFF16.
Its addresses FFD616 to FFFF16 are the vector addresses, which are called the interrupt vector table,
for reset and interrupts. In the microprocessor mode and the external ROM version where use of the
internal ROM area is inhibited, assign a ROM at addresses FFD616 to FFFF16.
Note : Refer to “Appendix 1. Memory assignment” for other products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com