Electronic Components Datasheet Search
  English  ▼

X  

7702 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # 7702
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7702 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button 7702 Datasheet HTML 83Page - Renesas Technology Corp 7702 Datasheet HTML 84Page - Renesas Technology Corp 7702 Datasheet HTML 85Page - Renesas Technology Corp 7702 Datasheet HTML 86Page - Renesas Technology Corp 7702 Datasheet HTML 87Page - Renesas Technology Corp 7702 Datasheet HTML 88Page - Renesas Technology Corp 7702 Datasheet HTML 89Page - Renesas Technology Corp 7702 Datasheet HTML 90Page - Renesas Technology Corp 7702 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 217 page
background image
7702/7703 Group User’s Manual
INTERRUPTS
4–25
___
4.10 External interrupts (INTi interrupt)
___
4.10.2 Switch of occurrence factor of INTi interrupt request
___
To switch the occurrence factor of INTi interrupt request from the level sense to the edge sense, set the
___
INTi interrupt control register in the sequence shown in Figure 4.10.5 (1). To change the polarity, set the
___
INTi interrupt control register in the sequence shown in Figure 4.10.5 (2).
Clear level sense/edge sense select bit to “0”
( Select edge sense )
Clear interrupt request bit to “0”
Set the interrupt priority level to level 0
( Disable INTi interrupt )
Set polarity select bit
Clear interrupt request bit to “0”
(2) Changing polarity
(1) Switching from level sense to edge sense
Set the interrupt priority level to level 1–7
(Enable acceptance of INTi interrupt request)
Set the interrupt priority level to level 1–7
(Enable acceptance of INTi interrupt request)
Set the interrupt priority level to level 0
( Disable INTi interrupt )
Notes 1: Use the SEB or CLB instruction when setting the INTi interrupt control
register (i = 0 to 2).
2: Perform the above setting separately. Do not perform 2 or more setting at the
same time, with 1 instruction.
___
Fig. 4.10.5 Switching flow of occurrence factor of INTi interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com